PART |
Description |
Maker |
MF0128M-04BAXX MF0064M-04BAXX |
8/16-bit Data Bus CompactFlash Card 16位产品数据总线CF
|
Mitsubishi Electric, Corp. Mitsubishi Electric Semiconductor
|
MTCF032A MTCF004A MTCF016A MTCF010A MTCF008A |
32Mb CompactFlash Card(32Mb闪速存储器 4Mb CompactFlash Card(4MB闪速存储器 16Mb CompactFlash Card(16Mb闪速存储器 8Mb CompactFlash Card(8Mb闪速存储器 10Mb CompactFlash Card(10Mb闪速存储器 10MB的CompactFlash卡(10Mb闪速存储器卡)
|
Micron Technology, Inc.
|
RM5261A-300-HI RM5261A-250-H RM5261A-350-H |
RM5261A?/font> Microprocessor with 64-Bit System Bus Data Sheet Preliminary RM5261A?/a> Microprocessor with 64-Bit System Bus Data Sheet Preliminary RM5261A Microprocessor with 64-Bit System Bus Data Sheet Preliminary CONNECTOR ACCESSORY
|
PMC-Sierra Inc PMC-Sierra, Inc. PMC-Sierra Inc
|
RM5231 RM5231-150-Q RM5231-200-Q RM5231-250-Q 2002 |
RM5231 Microprocessor with 32-Bit System Bus Data Sheet Released From old datasheet system RM5231⑩ Microprocessor with 32-Bit System Bus Data Sheet Released
|
PMC-Sierra Inc PMC[PMC-Sierra, Inc]
|
EE80960SB16512 |
EMBEDDED 32-BIT MICROPROCESSOR WITH 16-BIT BURST DATA BUS
|
Intel Corporation
|
25AA160 25C160 25LC160 25LC160T-ISN 25C160T-ISN 25 |
Power Source Selector for Dual-Battery Systems Voltage-Positioning Evaluation Kit for the MAX1711 Evaluation Kit for the MAX1773 Evaluation Kit for the MAX1844 The 25LC160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat The 25C160 is a 16K bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data The 25AA160 is a 16K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and dat
|
Microchip
|
TMS9980 TMS9980A TMS9981 |
SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE 辛格,片16位中央处理器(CPU)的其中有一位数据总线,芯片和封装40引脚封装 SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS/ON-CHIP AND IS PACKAGED 40-PIN PACKAGE SINGE-CHIP 16-BIT CENTRAL PROCESSING UNIT (CPU) WHICH HAS AN 8-BIT DATA BUS,ON-CHIP AND IS PACKAGED 40-PIN PACKAGE
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
SST48CF048-C1 SST48CF024-C1 SST48CF032-C1 SST48CF0 |
CAP ROUND W/SHUTTER WINDOW BLU CompactFlash Card 4M X 16 FLASH 3.3V PROM CARD, 100 ns, XMA50 CompactFlash Card CF
|
Silicon Storage Technology, Inc.
|
MC68008 MC6800 |
16-Bit Microprocessor With 8-Bit Data Bus
|
MOTOROLA[Motorola, Inc]
|
MF0512M-07ATXX MF0640M-07AFXX MF0128M-07ATXX MF006 |
8/16-bit Data Bus Flash ATA PC Card
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|